PART |
Description |
Maker |
GS882Z18AB-250 GS882Z18AB-133 GS882Z18AD-133 GS882 |
250MHz 5.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 133MHz 8.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 166MHz 7ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5ns 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM 200MHz 6.5s 512K x 18 9Mb pipelined and flow through synchronous NBT SRAM
|
GSI Technology
|
GS882Z18BB-V GS882Z18BB-150IV GS882Z36BGD-250V GS8 |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
GS881Z36AT-133I GS881Z18AT-250 GS881Z18AT-250I GS8 |
9MB PIPELINED AND FLOW THROUGH SYNCHRONOUS NBT SRAM
|
GSI[GSI Technology]
|
GS880Z18BGT-200IV GS880Z18BT-250IV GS880Z18BT-250V |
9Mb Pipelined and Flow Through Synchronous NBT SRAM
|
GSI[GSI Technology]
|
GS882Z36BB-150V GS882Z36BB-150IV |
9Mb Pipelined and Flow Through Synchronous NBT SRAM 256K X 36 ZBT SRAM, 7.5 ns, PBGA119
|
GSI Technology, Inc.
|
IDT70V9289L 70V9389_DS_62206 IDT70V9389L9PRFI IDT7 |
64K x 18 Synch, 3.3V Dual-Port RAM, PipeLined/Flow-Through 64K x 16 Sync, 3.3V Dual-Port Ram, PipeLined/Flow-Through HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM From old datasheet system
|
IDT[Integrated Device Technology]
|
IDT70V9099L12PF IDT70V9099L12PFI IDT70V9199L9PFI I |
From old datasheet system 128K x 9 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through 128K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 高.3 128Kx9/x8同步流水线双端口静态RAM Small Signal Diode 高.3 128Kx9/x8同步流水线双端口静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IS61NVF25636A IS61NVF25636A-6.5B2 IS61NVF25636A-6. |
256K x 36 and 512K x 18 9Mb, FLOW THROUGH (NO WAIT) STATE BUS SRAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IDT70T9359L7PF IDT70T9359L7PFI IDT70T9359L12PF IDT |
From old datasheet system HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 4K x 18 Sync, 2.5V Dual-Port RAM, PipeLined Flow/Through
|
IDT[Integrated Device Technology]
|
GS842Z18AB-180I GS842Z18AB-100 GS842Z18AB-100I GS8 |
4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 8 ns, PBGA119 4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 12 ns, PBGA119 4Mb Pipelined and Flow Through Synchronous NBT SRAMs 128K X 36 ZBT SRAM, 8 ns, PBGA119 4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 10 ns, PBGA119 4Mb Pipelined and Flow Through Synchronous NBT SRAMs 256K X 18 ZBT SRAM, 8.5 ns, PBGA119
|
GSI Technology, Inc.
|
GS8320Z18T-200 GS8320Z18T-250 GS8320Z18GT-133T GS8 |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs
|
http:// ETC[ETC] GSI[GSI Technology]
|